Part Number Hot Search : 
R3000 D2115 SG9435 002DR SMWXXXX SI472 CMPZ4621 1N5637
Product Description
Full Text Search
 

To Download 43650-0812 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 05/24/2010 please check www.molex.com for latest part information part number: 0436500812 status: active overview: microfit_30 description: 3.00mm (.118") pitch micro-fit 3.0? header, surface mount compatible, single row, right angle, with solder tab, 8 circuits, tin (sn) plating, glow wire compatible documents: 3d model product specification ps-43650 (pdf) drawing (pdf) rohs certificate of compliance (pdf) packaging specification (pdf) agency certification csa lr19980 tuv r72081037 ul e29179 general product family pcb headers series 43650 application wire-to-board comments glow wire equivalent part number 436500812. high temperature, square pin, solder type overview microfit_30 product literature order no usa-106 product name micro-fit 3.0? physical breakaway no circuits (loaded) 8 circuits (maximum) 8 color - resin black durability (mating cycles max) 30 flammability 94v-0 glow-wire compliant yes mated height (in) 0.275 in mated height (mm) 6.98 mm material - metal brass material - plating mating tin material - plating termination tin material - resin high temperature thermoplastic number of rows 1 orientation right angle pcb locator yes pcb retention yes pcb thickness recommended (in) 0.062 in pcb thickness recommended (mm) 1.60 mm packaging type embossed tape on reel pitch - mating interface (in) 0.118 in pitch - mating interface (mm) 3.00 mm plating min: mating (in) 100 plating min: mating (m) 2.50 plating min: termination (in) 100 plating min: termination (m) 2.50 polarized to pcb yes shrouded fully stackable no series image - reference only eu rohs china rohs elv and rohs compliant reach svhc contains svhc: no halogen-free status halogen-free need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 43650 series mates with 43645 micro-fit 3.0? receptacle housing
temperature range - operating -40c to +105c termination interface: style surface mount electrical current - maximum per contact 5a voltage - maximum 250v solder process data duration at max. process temperature (seconds) 30 lead-free process capability reflow capable (smt only) max. cycles at max. process temperature 3 process temperature max. c 260 material info reference - drawing numbers packaging specification pk-70873-07** product specification ps-43650 sales drawing sd-43650-005 this document was generated on 05/24/2010 please check www.molex.com for latest part information


▲Up To Search▲   

 
Price & Availability of 43650-0812

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X